Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW33N20 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STW33N20
Description  N - CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW33N20 Fiches technique(HTML) 8 Page - STMicroelectronics

  STW33N20 Datasheet HTML 1Page - STMicroelectronics STW33N20 Datasheet HTML 2Page - STMicroelectronics STW33N20 Datasheet HTML 3Page - STMicroelectronics STW33N20 Datasheet HTML 4Page - STMicroelectronics STW33N20 Datasheet HTML 5Page - STMicroelectronics STW33N20 Datasheet HTML 6Page - STMicroelectronics STW33N20 Datasheet HTML 7Page - STMicroelectronics STW33N20 Datasheet HTML 8Page - STMicroelectronics STW33N20 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.7
5.3
0.185
0.209
D
2.2
2.6
0.087
0.102
E
0.4
0.8
0.016
0.031
F
1
1.4
0.039
0.055
F3
2
2.4
0.079
0.094
F4
3
3.4
0.118
0.134
G
10.9
0.429
H
15.3
15.9
0.602
0.626
L
19.7
20.3
0.776
0.779
L3
14.2
14.8
0.559
0.413
0.582
L4
34.6
1.362
L5
5.5
0.217
M
2
3
0.079
0.118
Dia
3.55
3.65
0.140
0.144
P025P
TO-247 MECHANICAL DATA
STW33N20
8/9



Html Pages

1 2 3 4 5 6 7 8 9