Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M37274EFSP Fiches technique(PDF) 28 Page - Renesas Technology Corp

No de pièce M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Fiches technique(HTML) 28 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 24Page - Renesas Technology Corp M37274EFSP Datasheet HTML 25Page - Renesas Technology Corp M37274EFSP Datasheet HTML 26Page - Renesas Technology Corp M37274EFSP Datasheet HTML 27Page - Renesas Technology Corp M37274EFSP Datasheet HTML 28Page - Renesas Technology Corp M37274EFSP Datasheet HTML 29Page - Renesas Technology Corp M37274EFSP Datasheet HTML 30Page - Renesas Technology Corp M37274EFSP Datasheet HTML 31Page - Renesas Technology Corp M37274EFSP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 148 page
background image
27
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 21. Serial I/O Mode Register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O mode register (SM) [Address 021316]
B
Name
Functions
After reset RW
Serial I/O Mode Register
0, 1 Internal synchronous
clock selection bits
(SM0, SM1)
b1 b0
0 0: f(XIN)/4 or f(XCIN)/4
0 1: f(XIN)/16 or f(XCIN)/16
1 0: f(XIN)/32 or f(XCIN)/32
1 1: f(XIN)/64 or f(XCIN)/64
2
Synchronous clock
selection bit (SM2)
3
Port function
selection bit (SM3)
6, 7
5
Transfer direction
selection bit (SM5)
0
0: P11, P13
1: SCL1, SDA1
0: External clock
1: Internal clock
0: LSB first
1: MSB first
Fix these bits to “0.”
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
0
4
Port function
selection bit (SM4)
0: P12, P14
1: SCL2, SDA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More