| Moteur de recherche de fiches techniques de composants électroniques |
|
M35080FP Fiches technique(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35080FP Fiches technique(HTML) 6 Page - Renesas Technology Corp |
|
6 / 28 page ![]() MITSUBISHI MICROCOMPUTERS M35080FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 5 DAF DAE DAD DAC DAB DAA DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0 100016 100116 100216 100316 100416 100516 100616 100716 100816 100916 100A16 120616 120716 120816 12F916 12FA16 12FB16 12FC16 12FD16 12FE16 12FF16 130016 13FF16 Address Fig.2 Memory constitution (Bit map RAM (R0)) Dot composition (DAF to DA0) at 128 dots ✕ 96 dots Bit map RAM (R0) data unused area Dot 1 to 16 of line 1 Dot 17 to 32 of line 1 Dot 33 to 48 of line 1 Dot 49 to 64 of line 1 Dot 65 to 80 of line 1 Dot 81 to 96 of line 1 Dot 97 to 112 of line 1 Dot 113 to 128 of line 1 Dot 1 to 16 of line 2 Dot 17 to 32 of line 2 Dot 33 to 48 of line 2 Dot 81 to 96 of line 95 Dot 97 to 112 of line 95 Dot 113 to 128 of line 95 Dot 1 to 16 of line 96 Dot 17 to 32 of line 96 Dot 33 to 48 of line 96 Dot 49 to 64 of line 96 Dot 65 to 80 of line 96 Dot 81 to 96 of line 96 Dot 97 to 112 of line 96 Notes : Bit map RAM (Addresses 100016 to 3AFF16) has 2-page composition of the memory for page A, and the memory for page B. When write data in the memory for page A, and write data in the memory for page B, set it as register PAGEONA = “1” at register PAGEONB = “1.” When both of PAGEONA and PAGEONB are set to “1”, data can be simultaneously written in both the memory for page A, and the memory for page B. |