| Moteur de recherche de fiches techniques de composants électroniques |
|
M35074 Fiches technique(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35074 Fiches technique(HTML) 27 Page - Renesas Technology Corp |
|
27 / 44 page ![]() MITSUBISHI MICROCOMPUTERS M35074-XXXSP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 26 DATA INPUT 2 (1) I2C-Bus communication function (At only VDD = 5V) This IC has a built-in data transmission interface which utilizes 2 unidirectional buses. In communications, this IC functions as a slave reception device. The IC is synchronized with the serial clock (SCL) sent from the master device and receives the data (SDA). Communications are controlled from the start/stop states. Also, always in put the control byte after attaining the start state. The below chart shows the start/stop state and control byte configuration. SCL SDA Start state Stop state Data receive Data modify enable Control byte: 7C16(Fixed) Slave address R/W 011 1 110 0 (0: Written) Fig.13 Start state / Stop state Fig.14 Control byte configuration |