| Moteur de recherche de fiches techniques de composants électroniques |
|
M35071 Fiches technique(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35071 Fiches technique(HTML) 23 Page - Renesas Technology Corp |
|
23 / 40 page ![]() MITSUBISHI MICROCOMPUTERS M35071-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 22 CHARACTER FONT Images are composed on a 12 ! 18 dot matrix, and characters can be linked vertically and horizontally with other characters to allow the display the continuous symbols. Character code FF16 is fixed as a blank without background. Therefore, cannot register a character font in this code. Fig. 8 Example of border display When the character extends to the top line of the matrix, no border is left at the top. Note: Hatching represents border. When the character extends to the bottom (18th) line of the matrix, no border is left at the bottom. 12 dots |