| Moteur de recherche de fiches techniques de composants électroniques |
|
M35070 Fiches technique(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35070 Fiches technique(HTML) 26 Page - Renesas Technology Corp |
|
26 / 42 page ![]() MITSUBISHI MICROCOMPUTERS M35070-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 25 Fig. 12 Start state / Stop state Fig. 13 Control byte configuration DATA INPUT (1) I2C-Bus communication function This IC has a built-in data transmission interface which utilizes 2 unidirectional buses. In communications, this IC functions as a slave reception device. The IC is synchronized with the serial clock (SCL) sent from the master device and receives the data (SDA). Communications are controlled from the start/stop states. Also, always input the control byte after attaining the start state. The below chart shows the start/stop state and control byte configuration. SCL SDA Start state Stop state Data receive Data modify enable Control byte: 7C16(Fixed) Slave address R/W 011 1 110 0 (0: Written) |