| Moteur de recherche de fiches techniques de composants électroniques |
|
M35061 Fiches technique(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35061 Fiches technique(HTML) 16 Page - Renesas Technology Corp |
|
16 / 40 page ![]() 15 SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS M35061-XXXSP/FP MITSUBISHI MICROCOMPUTERS 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 LEVEL0 LEVEL1 LEVEL2 TEST24 TEST17 TEST18 TEST19 — (9) Address 2B016 (cont.) Status DA Register Contents Function Remarks 10 11 12 13 14 15 16 17 Composite video generation is off. Composite video generation is on. Display clock is on (oscillating). Display clock is off (not oscillating). Sync separation is disabled. Sync separation is enabled. Test mode (Must be cleared to 0.) Must be cleared to 0. Refer to Table 5 and 6. |