| Moteur de recherche de fiches techniques de composants électroniques |
|
M35060 Fiches technique(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35060 Fiches technique(HTML) 21 Page - Renesas Technology Corp |
|
21 / 42 page ![]() 20 SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS M35060-XXXSP MITSUBISHI MICROCOMPUTERS (2) SYRAM You can set characters for 63 letters per screen (SYRAM code 0016 to 3E16). Figure 9 shows an example of how to set. Use display RAM’s SYC5 to 0 (0016 to 3E16) to specify SYRAM. Note that SYRAM code 3F16 is fixed to a blank, so you cannot set a character font to this code. If you do not put SYRAM and a character together, use code 3F16. 6. Character font (1) Character ROM Images are composed on a 12 ✕ 13 dot matrix, and characters can be linked vertically and horizontally with other characters to allow the display the continuous symbols. Character code FF16 is fixed as blank, without a background. Fig. 7 Character construction . 12 dots Fig. 8 Example for displaying a continuous pattern 12 dots |