Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA17903AFP Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce HA17903AFP
Description  Dual Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17903AFP Fiches technique(HTML) 2 Page - Renesas Technology Corp

  HA17903AFP Datasheet HTML 1Page - Renesas Technology Corp HA17903AFP Datasheet HTML 2Page - Renesas Technology Corp HA17903AFP Datasheet HTML 3Page - Renesas Technology Corp HA17903AFP Datasheet HTML 4Page - Renesas Technology Corp HA17903AFP Datasheet HTML 5Page - Renesas Technology Corp HA17903AFP Datasheet HTML 6Page - Renesas Technology Corp HA17903AFP Datasheet HTML 7Page - Renesas Technology Corp HA17903AFP Datasheet HTML 8Page - Renesas Technology Corp HA17903AFP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HA17903A Series
Rev.1.00 Mar 10, 2006 page 2 of 8
• Low electro-magnetic susceptibility
Measurement Condition
1 k
−
+
1 k
0.01
µF
−10 dBm
RF signal source
(for quasi-RF noise)
Vcc = 5 V
Vcc
Vout
Vin
5.1 k
Ω
HA17903A Vout vs. Vin
6.0
5.0
4.0
3.0
2.0
1.0
0.0
−1.0
0.85
0.90
0.95
1.00
1.10
1.05
1.15
Vin (V)
1 V
HA17903A (10 MHz)
HA17903A (100 MHz)
HA17903A (0 Hz)
HA17903 Vout vs. Vin
6.0
5.0
4.0
3.0
2.0
1.0
0.0
−1.0
0.85
0.90
0.95
1.00
1.10
1.05
1.15
Vin (V)
HA17903 (10 MHz)
HA17903 (100 MHz)
HA17903 (0 Hz)
Ordering Information
Type No.
Application
Package Name
Package Code
HA17903APS
DIP-8 pin
PRDP0008AF-B
HA17903AFP
SOP-8 pin (JEITA)
PRSP0008DE-B
HA17903ARP
SOP-8 pin (JEDEC)
PRSP0008DD-C
HA17903AT
Industry use
TSSOP-8 pin
PTSP0008JC-B



Html Pages

1 2 3 4 5 6 7 8 9