| Moteur de recherche de fiches techniques de composants électroniques |
|
BCR5KM Fiches technique(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
BCR5KM Fiches technique(HTML) 11 Page - Renesas Technology Corp |
|
11 / 11 page ![]() Mar. 2002 MITSUBISHI SEMICONDUCTOR 〈TRIAC〉 BCR5KM MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE The product guaranteed maximum junction temperature 150 °C (See warning.) 160 100 80 40 20 0 140 60 120 –60 –20 20 60 100 160 140 –40 0 40 80 120 23 101 57 102 23 5 7 103 23 5 7 104 120 0 20 40 60 80 100 140 160 23 101 57 102 23 5 7 103 23 5 7 104 120 0 20 40 60 80 100 140 160 100 101 23 4 5 7 102 23 4 5 7 101 102 2 3 4 5 7 103 2 3 4 5 7 IFGT I IRGT I IRGT III C1 C1 = 0.1~0.47 µF R1 = 47~100 Ω C0 = 0.1 µF R0 = 100 Ω C0 R0 R1 6 Ω 6 Ω 6 Ω 6V 6V 6V RG RG RG A V A V A V LOAD RECOMMENDED CIRCUIT VALUES AROUND THE TRIAC TEST PROCEDURE 1 TEST PROCEDURE 3 TEST PROCEDURE 2 GATE TRIGGER CHARACTERISTICS TEST CIRCUITS TYPICAL EXAMPLE TYPICAL EXAMPLE I QUADRANT III QUADRANT Tj = 125 °C BREAKOVER VOLTAGE VS. JUNCTION TEMPERATURE JUNCTION TEMPERATURE ( °C) BREAKOVER VOLTAGE VS. RATE OF RISE OF OFF-STATE VOLTAGE (Tj = 125 °C) RATE OF RISE OF OFF-STATE VOLTAGE (V/ µs) TYPICAL EXAMPLE I QUADRANT III QUADRANT Tj = 125 °C BREAKOVER VOLTAGE VS. RATE OF RISE OF OFF-STATE VOLTAGE (Tj = 150 °C) RATE OF RISE OF OFF-STATE VOLTAGE (V/ µs) TYPICAL EXAMPLE GATE TRIGGER CURRENT VS. GATE CURRENT PULSE WIDTH GATE TRIGGER PULSE WIDTH ( µs) |