| Moteur de recherche de fiches techniques de composants électroniques |
|
HA16117FPC Fiches technique(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HA16117FPC Fiches technique(HTML) 17 Page - Renesas Technology Corp |
|
17 / 31 page ![]() HA16117F Series Rev.3.00 Jun 15, 2005 page 17 of 30 Selection of External Constants If the reset duration necessary for the MPU to operate reliably at power-on is known, there is a simple procedure for selecting external constants, starting from the power-on reset time (tON). START Set power-on reset time tON Set reset high time tRH Select external constant CF Check watchdog frequency range fH and fL External constant values • Decide reset low time (tRL) • Select external constant CR • Decide reset-clock off time (tOFF) • Select external constants R1 and R2 Figure 4 Procedure for Selecting External Constants Application Example SW CF 0.01 µF R1 510 k Ω R2 750 k Ω CR 0.1 µF Battery Microprocessor system 5 V regulator VCC VCC Tadj P-RUN HA16117F ACC CF GND CR PORT GND RES RES |