Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV9427 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STV9427
Description  HIGH SPEED MULTISYNCH ON-SCREEN DISPLAY FOR MONITOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9427 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STV9427 Datasheet HTML 12Page - STMicroelectronics STV9427 Datasheet HTML 13Page - STMicroelectronics STV9427 Datasheet HTML 14Page - STMicroelectronics STV9427 Datasheet HTML 15Page - STMicroelectronics STV9427 Datasheet HTML 16Page - STMicroelectronics STV9427 Datasheet HTML 17Page - STMicroelectronics STV9427 Datasheet HTML 18Page - STMicroelectronics STV9427 Datasheet HTML 19Page - STMicroelectronics STV9427 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
PACKAGE MECHANICAL DATA (STV9427)
16 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
STV9427 - STV9428 - STV9429
18/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20