| Moteur de recherche de fiches techniques de composants électroniques |
|
HA16103FPK Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HA16103FPK Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 19 page ![]() HA16103FPJ/FPK Rev.3.00 Jun 15, 2005 page 13 of 18 Precautions If the IC’s ground potential varies suddenly by several volts due to wiring impedance (see figure 6), a false RES pulse may be output. The reason for this is that potentials in the RES pulse generating circuit change together with the V OUT- GND potential. The reference potential of the comparator in figure 7 and the potential of the external capacitor have different impedances as seen from the comparator, causing a momentary inversion. The solution is to stabilize the ground potential. Two ways of stabilizing the IC’s ground line are: • Separate the IC’s ground line from highcurrent ground lines. • Increase the capacitance (Co) used to smooth the V OUT output. Wiring impedance HA16103PJ/FPJ Co RL SW2 SW1 V IGN Wiring impedance Relay or other load Figure 6 Typical Circuit GND RES Vout Vcont V CC + – CRES Wiring impedance GND Vout Vcont CC + − CRES Wiring impedance Figure 7 RES Comparator |