Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV9410P Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STV9410P
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410P Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STV9410P Datasheet HTML 6Page - STMicroelectronics STV9410P Datasheet HTML 7Page - STMicroelectronics STV9410P Datasheet HTML 8Page - STMicroelectronics STV9410P Datasheet HTML 9Page - STMicroelectronics STV9410P Datasheet HTML 10Page - STMicroelectronics STV9410P Datasheet HTML 11Page - STMicroelectronics STV9410P Datasheet HTML 12Page - STMicroelectronics STV9410P Datasheet HTML 13Page - STMicroelectronics STV9410P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
2.2.2 Descriptor
UNIFORM
MSB
0
RTP FFB
-
I
C2
C1
C0
LSB
SL7 SL6 SL5 SL4 SL3 SL2 SL1 SL0
RTP
:
Real time port
FFB
:
Field flyback
I
:
Fast blanking
C (2:0)
:
Strip color (G, R, B)
SL (7:0) :
Number of scan line of the strip
CHARACTER
MSB
1
RTP
DE
ZY
C12 C11 C10
C9
LSB
C8
C7
C6
C5
C4
C3
C2
C1
RTP
:
Real time port
DE
:
Display enable
ZY
:
Vertical zoom
C (12:1) :
Address of first character to display
2.2.3 Code Format
ALPHANUM
MSB
(ODD)
CHARACTER NUMBER
LSB
(EVEN)
0
IV
DW
DH
FL
FC2 FC1 FC0
CHARACTER NUMBER : lower than 80h in ROM
from 80h to FFh in RAM
IV
:
Inverted video
DW
:
Double width
DH
:
Double height
FL
:
Flashing
FC (2:0) :
Foreground color (G, R, B)
GRAPHIC
MSB
(ODD)
CHARACTER NUMBER
LSB
(EVEN)
1
BC2 BC1 BC0
FL
FC2 FC1 FC0
CHARACTER NUMBER : lower than 80h in ROM
from 80h to DFh in RAM
BC (2:0) :
Background color (G, R, B)
FL
:
Flashing
FC (2:0) :
Foreground color (G, R, B)
CONTROL
MSB
(ODD)
1
1
1
EOL
IF
IB
UL
CC
LSB
(EVEN)
1
BC2 BC1 BC0
HG
FC2 FC1 FC0
EOL
:
End of line
IF, IB
:
Fast blanking foreground/background
UL
:
Underline
CC
:
Conceal
BC (2:0) :
Background color (G, R, B)
HG
:
Hold graphic
FC (2:0) :
Foreground color (G, R, B)
2.2.4 Example of RAM Maping
Descriptor (Table 1)
(for page 0)
Descriptor (Table 2)
(for page 0)
Page 0 Row 1
Code 0 to 39
Page 0 Row 2
Code 0 to 39
Page 0 Row 24
Code 0 to 39
Descriptor (Table 1)
(for page 1)
Descriptor (Table 2)
(for page 1)
Page 1 Row 1
Code 0 to 39
Page 1 Row 2
Code 0 to 39
Page 1 Row 24
Code 0 to 39
Alphanum Character 0
Alphanum Character 1
Alphanum Character 93
~
~
~
~
~
~
~
~
Page 0 Row 0
Code 0 to 39
Free
~
~
~
~
Graphic Character 0
Page 1 Row 0
Code 0 to 39
Free
~
~
~
~
Graphic Character 1
Graphic Character 93
0000h
0040h
0080h
00A8h
07D8h
0800h
1000h
1400h
17FFh
64b
64b
80b
80b
80b
64b
64b
80b
80b
80b
80b
4b
10b
10b
10b
80b
4b
10b
10b
10b
~
~
~
~
~
~
~
~
1 Kbyte
2 Kbyte
1 Kbyte
2 Kbyte
STV9410
10/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25