| Moteur de recherche de fiches techniques de composants électroniques |
|
STV9410 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV9410 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 25 page ![]() PIN CONNECTIONS 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 XTO XTI CKO POR NCS SDA SCK VREF VSSA VSS VDD C - I B G R SYNC V SYNC LOAD FRAME CRT LCD SYNC IN CKD Y DF D0 D1 D3 D2 VEE VDD DIP20 XTO XTI CKO POR NCS SDA SCK VREF VSSA VSS VDD SYNC IN C - I B G R SYNC LOAD 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 24 23 22 21 11 12 RESERVED RESERVED RESERVED RESERVED V FRAME SYNC CRT LCD CKD YV EE DF D0 D1 D3 D2 - - VDD SO24 PIN DESCRIPTION Symbol Pin n o I/O Description DIP20 SO24 CRT MODE - - 1 - Reserved XTO 1 2 O Crystal oscillator output XTI 2 3 I Crystal oscillator or clock input CKO 3 4 O Clock output POR 4 5 O Programmable output port NCS 5 6 I Serial interface selection SDA 6 7 I/O Serial data input/output SCK 7 8 I Serial interface clock input VREF 8 9 I Reset input and ref supply of Y DAC VSSA 9 10 S Ref ground of Y DAC VSS 10 11 S Ground - - 12 - Reserved - - 13 - Reserved Y 11 14 O Luminance output R 12 15 O Red output G 13 16 O Green output B 14 17 O Blue output I 15 18 O Fast blanking output - 16 19 O Reserved CSYNC 17 20 O Composite synchro output VSYNC 18 21 O Vertical synchro output SYNC IN 19 22 I/O Synchro input VDD 20 23 S +5v power supply - - 24 - Reserved STV9410 2/25 |