| Moteur de recherche de fiches techniques de composants électroniques |
|
STV8225 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8225 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() STV8225 AM SIF CIRCUIT February 1995 1 2 3 4 5 6 7 14 13 12 11 10 9 8 IF INPUT AGC CAPACITOR GND LEVEL SWITCH FM SOUND INPUT MUTE INPUT MAIN SOUND OUTPUT IF INPUT MEAN CAPACITOR VCC EXTERNAL SOUND INPUT SWITCHING INPUT EXTERNAL SOUND OUTPUT NOT TO BE CONNECTED PIN CONNECTIONS DIP14 (Plastic Package) ORDER CODE : STV8225 . SOUND AM SYNCHRONOUS DEMODULATOR . AM/FM AUDIO SWITCH . AV/TV AUDIO SWITCH . MUTE INPUT DESCRIPTION The STV8225 is intended for the demodulation of the AM sound of the L standard. Used as an add on to the STV8224 it permits to design a multistandard set with the needed switches for one SCART plug. 1/6 |
Numéro de pièce similaire - STV8225 |
|
Description similaire - STV8225 |