Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV7801S Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STV7801S
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801S Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STV7801S Datasheet HTML 10Page - STMicroelectronics STV7801S Datasheet HTML 11Page - STMicroelectronics STV7801S Datasheet HTML 12Page - STMicroelectronics STV7801S Datasheet HTML 13Page - STMicroelectronics STV7801S Datasheet HTML 14Page - STMicroelectronics STV7801S Datasheet HTML 15Page - STMicroelectronics STV7801S Datasheet HTML 16Page - STMicroelectronics STV7801S Datasheet HTML 17Page - STMicroelectronics STV7801S Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
STV7801S
16/18
16 - PACKAGE MECHANICAL DATA
Multiwatt 15 horizontal, shortleads
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
E
0.49
0.55
0.019
0.022
F
0.66
0.75
0.026
0.030
G
1.02
1.27
1.52
0.040
0.050
0.060
G1
17.53
17.78
18.03
0.690
0.700
0.709
H1
19.6
20.2
0.772
0.795
H2
19.6
20.2
0.772
0.795
L1
17.8
18
18.2
0.701
0.709
0.717
L2
2.3
2.5
2.8
0.091
0.098
0.110
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L5
2.7
3
3.3
0.106
0.118
0.130
L7
2.65
2.9
0.104
0.114
R
1.5
0.059
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
A
C
B
E
L5
L7
L1
L2
F
G1
G
H2
L4
L3
S1
S
H1
Diam 1
MW15HME
V
V
V
V
H2
N
R1
P
R
R
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18