| Moteur de recherche de fiches techniques de composants électroniques |
|
STV7778S Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV7778S Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 11 page ![]() Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 5.08 0.200 A1 0.51 0.020 A2 3.05 3.81 4.57 0.120 0.150 0.180 B 0.36 0.46 0.56 0.0142 0.0181 0.0220 B1 0.76 1.02 1.14 0.030 0.040 0.045 c 0.23 0.25 0.38 0.0090 0.0098 0.0150 D 37.85 38.10 38.35 1.490 1.5 1.510 E 15.24 16.00 0.60 0.629 E1 12.70 13.72 14.48 0.50 0.540 0.570 e 1.778 0.070 e1 15.24 0.60 e2 18.54 0.730 e3 1.52 0.060 L 2.54 3.30 3.56 0.10 0.130 0.140 B e B1 D 22 21 42 1 e1 c E1 E e2 Gage Plane .015 0,38 e2 e3 E SDIP42 PACKAGE MECHANICAL DATA 42 PINS - PLASTIC PACKAGE Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 1998 STMicroelectronics - All Rights Reserved Purchase of I 2C Components of STMicroelectronics, conveys a license under the Philips I2C Patent. Rights to use these components in a I 2C system, is granted provided that the system conforms to the I 2C Standard Specifications as defined by Philips. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com STV7778S 11/11 |