| Moteur de recherche de fiches techniques de composants électroniques |
|
STV5805 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5805 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() 1 2 3 4 5 6 7 8 9 10 STV5805 V D V CC V O GND V C V F V A GAIN V B V E D F AB C E Mode Voltage on Pin 3 H Gain L Gain V CC GND BLOCK DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Power Supply Voltage 6 V Tj Junction Temperature 150 oC Toper Operating Temperature - 20, +70 oC THERMAL DATA Symbol Parameter Value Unit Rth (j-a) Junction-ambient Thermal Resistance Max. 100 oC/W RECOMMENDED OPERATING CHARACTERISTICS Symbol Parameter Min. Typ. Max. Unit VCC Power Supply 4.75 5 5.25 V STV5805 2/5 |