| Moteur de recherche de fiches techniques de composants électroniques |
|
STV5348D/T Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5348D/T Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 22 page ![]() FUNCTIONAL DESCRIPTION (continued) Note 1 : Where PHCB are the Page Header Control bits. Other Combinations default to German. Only the above characters change with the PHCB. All others characters in the basic set are shown in Table 7. Note 1 : Where PHCB are the Page Header Control bits. Other Combinations default to Turkish. Only the above characters change with the PHCB. All others characters in the basic set are shown in Table 7. Table 10 : STV5348/H Character Set - East European Languages Table 11 : STV5348/T Character Set - Turkish European Languages STV5348 - STV5348/H - STV5348/T 17/22 |