| Moteur de recherche de fiches techniques de composants électroniques |
|
STV5347D/T Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5347D/T Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 22 page ![]() S T V 5 3 4 7 +5V 25 2 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 26 27 28 SL MA +5V +5V 3 1k Ω 3.9k Ω +5V 0.1 µF 0.1 µF C1* C2* TV VCR CVBS MA/SL VDDA POL STTV/LFB FFB VSSD R G B RGB REF BLAN COR ODD/EVEN Y SCL SDA VCR/TV XTO XTI TEST CBLK V V SSA SSO VDDD 1 µF +5V 0.1 µF 10nF +5V 1 1 µF 13.875MHz 47k Ω** * Value according to used crystal, C1 = C2 = 2 * CLOAD Example : C1 = C2 = 56pF, CLOAD = 30pF. ** Depending on application. Please refer to our video application lab. Remark : all the powersupply inputs must be switched on at the same time (connected to the same source). APPLICATION DIAGRAM I/O PIN ELECTRICAL SCHEMATICS (continued) 16 450 Ω V DDD V SSD SCL Figure 16 : PSCL 17 450 Ω V DDD V SSD SDA Figure 17 : PSDA STV5347 - STV5347/H - STV5347/T 20/22 |