Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV5348D Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STV5348D
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348D Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STV5348D Datasheet HTML 3Page - STMicroelectronics STV5348D Datasheet HTML 4Page - STMicroelectronics STV5348D Datasheet HTML 5Page - STMicroelectronics STV5348D Datasheet HTML 6Page - STMicroelectronics STV5348D Datasheet HTML 7Page - STMicroelectronics STV5348D Datasheet HTML 8Page - STMicroelectronics STV5348D Datasheet HTML 9Page - STMicroelectronics STV5348D Datasheet HTML 10Page - STMicroelectronics STV5348D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
FUNCTIONAL DESCRIPTION
I - Displayable Page Memory Map
The organization of a page-memory is shown in
Figure 7.
The display area consists of 25 rows of 40 charac-
ters per row.
The organization is as follows :
- Row zero contains the page header :
• The first seven characters (0 - 6) are used for
messages regarding the operational status.
• The eighth character is an alphanumeric control
character either "white" or "green" defining the
"search" status of the page. When it is "white"
the operational state is normal and the header
appears white ; when it is "green" the opera-
tional state corresponds to the "search mode"
and the header appears green.
• The following twenty-four characters give the
header of the requested page when the system
is in search mode.
• The last eight characters display the time of day.
- Row number twenty-four is used by the micro-
processor for the display of information, or used
to display X/24 colored key data according to
R0D7 bit.
- Row twenty-five comprises ten bytes of control
data concerning the received page (see Table 1)
and fourteen free bytes which can be used by the
microprocessor.
1
724
8
10
14
row free for status (R0D7 = 0) or packet X/24 (R0D7 = 1)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
ROW
8 scrolling
time characters
24 characters from page header
rolling on page search
Fixed characters
Alphanumerics white
for normal,
green on search
7 Status
Characters
MAIN PAGE DISPLAY AREA
14 bytes free
for use by
µC
10 bytes for received
page information
Figure 7 : Page Memory Organization
STV5348 - STV5348/H - STV5348/T
7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22