Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV5348T Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STV5348T
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348T Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STV5348T Datasheet HTML 13Page - STMicroelectronics STV5348T Datasheet HTML 14Page - STMicroelectronics STV5348T Datasheet HTML 15Page - STMicroelectronics STV5348T Datasheet HTML 16Page - STMicroelectronics STV5348T Datasheet HTML 17Page - STMicroelectronics STV5348T Datasheet HTML 18Page - STMicroelectronics STV5348T Datasheet HTML 19Page - STMicroelectronics STV5348T Datasheet HTML 20Page - STMicroelectronics STV5348T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
FUNCTIONAL DESCRIPTION (continued)
Note 1 :
Where PHCB are the Page Header Control bits. Other
Combinations default to German. Only the above characters
change with the PHCB. All others characters in the basic set are
shown in Table 7.
Note 1 :
Where PHCB are the Page Header Control bits. Other
Combinations default to Turkish. Only the above characters
change with the PHCB. All others characters in the basic set are
shown in Table 7.
Table 10 : STV5348/H Character Set -
East European Languages
Table 11 : STV5348/T Character Set -
Turkish European Languages
STV5348 - STV5348/H - STV5348/T
17/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22