| Moteur de recherche de fiches techniques de composants électroniques |
|
STV5347T Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5347T Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 22 page ![]() FUNCTIONAL DESCRIPTION (continued) The basic set of the 96 characters is shown in Table 8.The location of the 13 national characters are shown in Table 8 whilst full national character sets are depicted in Tables 9, 10 and 11. 2/0 2/1 2/2 2/3 2/4 2/5 2/6 2/7 2/8 2/9 2/10 2/11 2/12 2/13 2/14 2/15 3/0 3/1 3/2 3/3 3/4 3/5 3/6 3/7 3/8 3/9 3/10 3/11 3/12 3/13 3/14 3/15 4/0 4/1 4/2 4/3 4/4 4/5 4/6 4/7 4/9 4/8 4/10 4/11 4/12 4/13 4/14 4/15 5/0 5/1 5/2 5/3 5/4 5/5 5/6 5/7 5/8 5/9 5/10 5/11 5/12 5/13 5/14 5/15 6/0 6/1 6/2 6/3 6/4 6/5 6/6 6/7 6/8 6/9 6/10 6/11 6/12 6/13 6/14 6/15 7/0 7/1 7/2 7/3 7/4 7/5 7/6 7/7 7/8 7/9 7/10 7/11 7/12 7/13 7/14 7/15 National Charac ter National Charact er National Charact er National Charac ter National Character National Character National Character National Character National Character Nation al Character National Charac ter National Character Nation al Character Table 8 : Basic character set. STV5347 - STV5347/H - STV5347/T 15/22 |