Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV5180 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STV5180
Description  CONTROL I.C. FOR SWITCH MODE POWER SUPPLY AND FOR LINE DEFLECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5180 Fiches technique(HTML) 4 Page - STMicroelectronics

  STV5180 Datasheet HTML 1Page - STMicroelectronics STV5180 Datasheet HTML 2Page - STMicroelectronics STV5180 Datasheet HTML 3Page - STMicroelectronics STV5180 Datasheet HTML 4Page - STMicroelectronics STV5180 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SOFTWARE SPECIFICATION
I
2C Bus Address
8C Hex.
Overview
The data consists of two bytes with the following possible values :
Byte n
°
Bit n
°
Function
1
d0 to d5
DAC value for output voltage adjustment ; d0 = LSB ; Default = 00
d6 to d7
Subaddress 0 ; d6 = d7 = 0
2
d0
Mode switching ; Stand-by = 0 ; ON = 1 ; Default = 1
d1
H-Deflection ON/OFF ; OFF = 0 ; ON = 1 ; Default = 1
d2
Polarity H-Drive ; Chroma4 = 1 ; Philips = 0 ; Default = 0
d3 to d5
Unused
d6 to d7
Subaddress 1 ; d6 = 1 ; d7 = 0
Command Codes
1
Normal Operating
: 43 Hex
2
Stand-by
: 40 Hex
3
Power Stand-by
: 41 Hex
4
Triggering Slope Positive
: 43 Hex
5
Triggering Slope Negative
: 47 Hex
6
Output Voltage Adjustment : 00 to 3F Hex
STV5180
4/5



Html Pages

1 2 3 4 5