| Moteur de recherche de fiches techniques de composants électroniques |
|
HSC277 Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HSC277 Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.2.00 Mar 29, 2005 page 1 of 4 HSC277 Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch REJ03G0585-0200 (Previous: ADE-208-413A) Rev.2.00 Mar 29, 2005 Features • Low forward resistance. (r f = 0.7 Ω max) • Ultra small Flat Lead Package (UFP) is suitable for surface mount design. Ordering Information Type No. Cathode Mark Package Name Package Code (Previous Code) HSC277 Laser UFP PWSF0002ZA-A (UFP) Pin Arrangement 12 Cathode mark 1. Cathode 2. Anode |
Numéro de pièce similaire - HSC277 |
|
Description similaire - HSC277 |