| Moteur de recherche de fiches techniques de composants électroniques |
|
HSS104 Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HSS104 Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.3.00 Mar 25, 2005 page 1 of 4 HSS104 Silicon Epitaxial Planar Diode for High Speed Switching REJ03G0571-0300 (Previous: ADE-208-178B) Rev.3.00 Mar 25, 2005 Features • Short reverse recovery time and forward recovery time. • Suitable for 5 mm pitch high speed automatically insertion. • Small glass package (MHD) enables easy mounting and high reliability. Ordering Information Type No. Cathode band Package Name Package Code (Previous Code) HSS104 Blue MHD GRZZ0002ZC-A (MHD) Pin Arrangement 1 2 Cathode band 1. Cathode 2. Anode |
Numéro de pièce similaire - HSS104 |
|
Description similaire - HSS104 |