| Moteur de recherche de fiches techniques de composants électroniques |
|
FS14SM-10 Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
FS14SM-10 Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 5 page ![]() Feb.1999 ¡VDSS ................................................................................ 500V ¡rDS (ON) (MAX) .............................................................. 0.64 Ω ¡ID ..........................................................................................14A 500 ±30 14 42 150 –55 ~ +150 –55 ~ +150 4.8 V V A A W °C °C g FS14SM-10 VDSS VGSS ID IDM PD Tch Tstg — OUTLINE DRAWING Dimensions in mm VGS = 0V VDS = 0V Typical value Symbol Drain-source voltage Gate-source voltage Drain current Drain current (Pulsed) Maximum power dissipation Channel temperature Storage temperature Weight TO-3P MITSUBISHI Nch POWER MOSFET FS14SM-10 HIGH-SPEED SWITCHING USE APPLICATION SMPS, DC-DC Converter, battery charger, power supply of printer, copier, HDD, FDD, TV, VCR, per- sonal computer etc. MAXIMUM RATINGS (Tc = 25 °C) Parameter Conditions Ratings Unit 15.9MAX. 4.5 1.5 φ 3.2 2 1.0 5.45 4.4 0.6 2.8 qw e 5.45 4 r wr q e q GATE w DRAIN e SOURCE r DRAIN |