Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV2216 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STV2216
Description  BUS CONTROLLED NTSC/PAL TV PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2216 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STV2216 Datasheet HTML 17Page - STMicroelectronics STV2216 Datasheet HTML 18Page - STMicroelectronics STV2216 Datasheet HTML 19Page - STMicroelectronics STV2216 Datasheet HTML 20Page - STMicroelectronics STV2216 Datasheet HTML 21Page - STMicroelectronics STV2216 Datasheet HTML 22Page - STMicroelectronics STV2216 Datasheet HTML 23Page - STMicroelectronics STV2216 Datasheet HTML 24Page - STMicroelectronics STV2216 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
INPUT/OUTPUT PIN CONFIGURATION (continued)
GND2
V
CC1
V
CC2
P ins 38-39
Figure 35 : Pins 38, 39 - BYI, RYI
Pins 40-41
V
CC2
GND2
Figure 36 : Pins 40, 41 - RYO, BYO
1
42
21
22
G ND2
GND1
V
CC2
V
CC1
Figure 37 : Pins 42, 22 - VCC2,VCC1
STV2216
21/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26