| Moteur de recherche de fiches techniques de composants électroniques |
|
STV0680 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0680 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 63 page ![]() Camera modes of operation STV0680B + VV6444/6410/6500 16/63 Version 3.4 3 Camera modes of operation This section refers to the two switches as discussed in section Section 2.2.1 q “Mode”: connects GPIO0 pin of STV0680B to GND when pressed q “Shutter”: connects GPIO1 pin of STV0680B to GND when pressed Pressing the mode switch repeatedly cycles through a series of modes as displayed on the LCD. When a given mode is displayed it may be selected by pressing the shutter button. If an option is not selected within 5 seconds the display will revert to showing the number of available pictures. 3.1 Modes available (STV0680B-001) Figure 3 : STV0680B-001modes (CIF camera with 16Mbit SDRAM assumed) Note that the number of images displayed depends on the sensor and SDRAM type - see Table 3. Normal: 20 / 80 Continuous Capture: Ct Self-Timer: St Clear All: CL Resolution: Hr / Lr Press Mode button After 30sec of inactivity Standby mode (untethered) |