| Moteur de recherche de fiches techniques de composants électroniques |
|
STV-DCA/VGA-E04 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-DCA/VGA-E04 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 63 page ![]() Version 3.4 45/63 STV0680B+ VV6410/6411/6500 STV0680B pinout information and package dimensions Note: 1 GPIO are not ‘general purpose’, in the sense that their function is predetermined (e.g. GPIO0 = MODE, GPIO2 is Unused), dependant on the STV0680B firmware. 2 Audio implementation is shown in an Applications Note available from ST. 3 Only with STV0680B-003. With STV0680B-001, tie low. 4 GPIO2, 4, 6, 7 MUST be tied low with STV0680B-003 where no Audio/Flashgun functionality is required. Key SL slew rate limited output OD open drain output S Schmidt input A Analogue input/output T 5V tolerant pad (these pads do not have diode protection) |