| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74AC374 Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74AC374 Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 10 page ![]() HD74AC374/HD74ACT374 Rev.2.00, Jul.16.2004, page 2 of 9 Pin Arrangement 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 VCC O7 D7 D6 O6 O5 OE O0 D0 D1 O1 O2 D2 D3 O3 Gnd D5 D4 O4 CP (Top view) Logic Symbol CP OE D0 D2 D4 D6 D3 D5 D7 D1 O0 O2 O4 O6 O3 O5 O7 O1 Pin Names D 0 – D7 Data Inputs CP Clock Pulse Input OE 3-State Output Enable Input O 0 – O7 3-State Outputs Functional Description The HD74AC374/HD74ACT374 consists of eight edge-triggered flip-flops with individual D-type inputs and 3-state true outputs. The buffered clock and buffered Output Enable are common to all flip-flops. The eight flip-flops will store the state of their individual D inputs that meet the setup and hold time requirements on the Low-to-High Clock (CP) transition. With the Output Enable ( OE) Low, the contents of the eight flip-flops are available at the outputs. When the OE is High, the outputs go to the high impedance state. Operation of the OE input does not affect the state of the flip-flops. |