Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV-DCA/CIF-E04 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STV-DCA/CIF-E04
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E04 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STV-DCA/CIF-E04 Datasheet HTML 35Page - STMicroelectronics STV-DCA/CIF-E04 Datasheet HTML 36Page - STMicroelectronics STV-DCA/CIF-E04 Datasheet HTML 37Page - STMicroelectronics STV-DCA/CIF-E04 Datasheet HTML 38Page - STMicroelectronics STV-DCA/CIF-E04 Datasheet HTML 39Page - STMicroelectronics STV-DCA/CIF-E04 Datasheet HTML 40Page - STMicroelectronics STV-DCA/CIF-E04 Datasheet HTML 41Page - STMicroelectronics STV-DCA/CIF-E04 Datasheet HTML 42Page - STMicroelectronics STV-DCA/CIF-E04 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Version 3.4
39/63
STV0680B+ VV6410/6411/6500
STV0680 Camera System Defect Specification
Figure 9 : “Visible” defect
Figure 10 : Histogram of image with “Visible” defect; Mean = 145; Minimum = 0
7.6
Definition of the "Final Colour Image"
This means the Bitmap (.bmp) image displayed by the PC software as described in
Section 7.3.7.
7.7
Definition of a “Minor Visible Defect”
Please refer to sensor datasheet.
Minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63