Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV-DCA/VGA-E01 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce STV-DCA/VGA-E01
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E01 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button STV-DCA/VGA-E01 Datasheet HTML 53Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 54Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 55Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 56Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 57Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 58Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 59Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 60Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
Version 3.4
57/63
STV0680B+ VV6410/6411/6500
VV6500 pinout information and package dimensions
Figure 17 : VV6500 Package details
Note: 1 Die is optically centred
2 Refractive Index of Glass is approx. 1.52
11.176 ±0.13
Typ.
11.016 ±0.08
typ.
19
18
7
R0.15 REF.
4 CORNERS
R0.15 REF.
48 PLCS
6
48
43
31
30
1.02 ±0.18
Typ.
1.52
+0.25
-0.13
Typ.
Pin n°1
Index
diam. 0.51
0.254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63