Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD26LS32FPEL Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce HD26LS32FPEL
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS32FPEL Fiches technique(HTML) 7 Page - Renesas Technology Corp

Back Button HD26LS32FPEL Datasheet HTML 3Page - Renesas Technology Corp HD26LS32FPEL Datasheet HTML 4Page - Renesas Technology Corp HD26LS32FPEL Datasheet HTML 5Page - Renesas Technology Corp HD26LS32FPEL Datasheet HTML 6Page - Renesas Technology Corp HD26LS32FPEL Datasheet HTML 7Page - Renesas Technology Corp HD26LS32FPEL Datasheet HTML 8Page - Renesas Technology Corp HD26LS32FPEL Datasheet HTML 9Page - Renesas Technology Corp HD26LS32FPEL Datasheet HTML 10Page - Renesas Technology Corp HD26LS32FPEL Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HD26LS32
Rev.2.00, Jul.16.2004, page 7 of 14
3. t
LZ, tZL
Test circuit
Input
Pulse
Generator
–2.5 V
2 V
CL
Output
Ω
2 k
VCC
Ω
5 k
S2
Waveforms
Enable
1.3 V
1.3 V
1.3 V
1.3 V
tZL
OH
VOL
V
1.3 V
3 V
0 V
3 V
0 V
tLZ
0.5 V
Output
Enable G
S2 : Open
S2 : Closed
1.4 V
Notes:
1. The pulse generator has the following characteristics :
PRR = 1 MHz, 50 % duty cycle, t
r≤ 15 ns, t f≤ 6 ns, Zout = 50 Ω.
2. C
L includes probe and jig capacitance.
3. All diodes are 1S2074 (H)
4. To test G input,ground G input and apply an inverted input waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15