| Moteur de recherche de fiches techniques de composants électroniques |
|
VV6500 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VV6500 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 63 page ![]() Version 3.4 3/63 STV0680B+ VV6410/6411/6500 5.1 General features ................................................................................................................ 26 5.2 Software installation ........................................................................................................... 26 Chapter 6 Detailed chipset specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28 6.1 Typical camera specifications ............................................................................................ 28 6.2 STV0680B companion processor ...................................................................................... 29 6.3 VV6444 sensor ................................................................................................................... 30 6.4 VV6410/6411 and VV6500 sensors ................................................................................... 32 6.5 Typical current consumption of complete camera .............................................................. 33 Chapter 7 STV0680 Camera System Defect Specification . . . . . . . . . . . . . . . . . . . . . . . . .35 7.1 General .............................................................................................................................. 35 7.2 Defect specification ............................................................................................................ 35 7.3 Definition of the "Camera System" ..................................................................................... 35 7.4 Definition of the "Test Conditions" ...................................................................................... 37 7.5 Definition of a "Major Visible Defect" .................................................................................. 37 7.6 Definition of the "Final Colour Image" ................................................................................ 39 7.7 Definition of a “Minor Visible Defect” .................................................................................. 39 Chapter 8 STV0680B pinout information and package dimensions . . . . . . . . . . . . . . . . .40 8.1 STV0680B pinout ............................................................................................................... 40 8.2 STV0680B pin description .................................................................................................. 46 8.3 STV0680B package dimensions ........................................................................................ 47 Chapter 9 VV6410/6411 pinout information and package dimensions . . . . . . . . . . . . . . .48 9.1 VV6410/6411 pinout ........................................................................................................... 48 9.2 VV6410/6411 pin description ............................................................................................ 49 9.3 VV6410/6411 package dimensions .................................................................................... 51 Chapter 10 VV6500 pinout information and package dimensions . . . . . . . . . . . . . . . . . . .53 10.1 VV6500 pinout .................................................................................................................... 53 10.2 VV6500 pin description ...................................................................................................... 54 10.3 VV6500 package dimensions ............................................................................................. 56 Chapter 11 Schematics and example parts list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .58 11.1 Schematics ......................................................................................................................... 58 |