| Moteur de recherche de fiches techniques de composants électroniques |
|
HVC358B Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HVC358B Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.1.00, Sep.17.2003, page 1 of 4 HVC358B Variable Capacitance Diode for VCO REJ03G0085-0100Z (Previous: ADE-208-418) Rev.1.00 Sep.17.2003 Features • High capacitance ratio. (n = 2.2 min) • Low series resistance. (rs = 0.4 Ω max) • Good C-V linearity. • Ultra small Flat Package (UFP) is suitable for surface mount design. Ordering Information Type No. Laser Mark Package Code HVC358B B2 UFP Pin Arrangement 12 B2 Cathode mark Mark 1. Cathode 2. Anode |
Numéro de pièce similaire - HVC358B |
|
Description similaire - HVC358B |