Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV6411 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Fiches technique(HTML) 3 Page - STMicroelectronics

  VV6411 Datasheet HTML 1Page - STMicroelectronics VV6411 Datasheet HTML 2Page - STMicroelectronics VV6411 Datasheet HTML 3Page - STMicroelectronics VV6411 Datasheet HTML 4Page - STMicroelectronics VV6411 Datasheet HTML 5Page - STMicroelectronics VV6411 Datasheet HTML 6Page - STMicroelectronics VV6411 Datasheet HTML 7Page - STMicroelectronics VV6411 Datasheet HTML 8Page - STMicroelectronics VV6411 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
Version 3.4
3/63
STV0680B+ VV6410/6411/6500
5.1
General features ................................................................................................................ 26
5.2
Software installation ........................................................................................................... 26
Chapter 6
Detailed chipset specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
6.1
Typical camera specifications ............................................................................................ 28
6.2
STV0680B companion processor ...................................................................................... 29
6.3
VV6444 sensor ................................................................................................................... 30
6.4
VV6410/6411 and VV6500 sensors ................................................................................... 32
6.5
Typical current consumption of complete camera .............................................................. 33
Chapter 7
STV0680 Camera System Defect Specification . . . . . . . . . . . . . . . . . . . . . . . . .35
7.1
General .............................................................................................................................. 35
7.2
Defect specification ............................................................................................................ 35
7.3
Definition of the "Camera System" ..................................................................................... 35
7.4
Definition of the "Test Conditions" ...................................................................................... 37
7.5
Definition of a "Major Visible Defect" .................................................................................. 37
7.6
Definition of the "Final Colour Image" ................................................................................ 39
7.7
Definition of a “Minor Visible Defect” .................................................................................. 39
Chapter 8
STV0680B pinout information and package dimensions . . . . . . . . . . . . . . . . .40
8.1
STV0680B pinout ............................................................................................................... 40
8.2
STV0680B pin description .................................................................................................. 46
8.3
STV0680B package dimensions ........................................................................................ 47
Chapter 9
VV6410/6411 pinout information and package dimensions . . . . . . . . . . . . . . .48
9.1
VV6410/6411 pinout ........................................................................................................... 48
9.2
VV6410/6411 pin description ............................................................................................ 49
9.3
VV6410/6411 package dimensions .................................................................................... 51
Chapter 10
VV6500 pinout information and package dimensions . . . . . . . . . . . . . . . . . . .53
10.1
VV6500 pinout .................................................................................................................... 53
10.2
VV6500 pin description ...................................................................................................... 54
10.3
VV6500 package dimensions ............................................................................................. 56
Chapter 11
Schematics and example parts list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .58
11.1
Schematics ......................................................................................................................... 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63