| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74HC83 Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74HC83 Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 7 page ![]() HD74HC83 Rev.2.00, Oct 06, 2005 page 2 of 6 Function Table Outputs Inputs When C0 = L / When C2 = L When C0 = H / When C2 = H A1 / A3 B1 / B3 A1 / A3 A1 / A3 Σ1 / Σ3 Σ2 / Σ4 C2 / C4 Σ1 / Σ3 Σ2 / Σ4 C2 / C4 L L L L L L L H L L H L L L H L L L H L L H L L H L L L H L H H L L L H L H H L L L H L L H L H H L H L H L H H L L L H L H H L H H L L L H H H H L L L H H L H L L L H L H L H H L H L L H H H L L L H L H L H H H L L L H H H L H L L H H L H L L H H L L H H L H H L H H H L H L H H L H H H H L H L H H H H H H L H H H H H H : High level L : Low level X : Irrelevant Note : Input conditions at A1, B1, A2, B2 and C0 are used to determine outputs Σ1 and Σ2 and the value of the internal carry C2. The value at C2, A3, B3, A4 and B4 are than used to determine outputs Σ3, Σ4 and C4 Pin Arrangement 1 2 3 4 5 6 7 8 A4 Σ3 A3 B3 VCC Σ2 B2 A2 B4 Σ4 C4 C0 GND B1 A1 Σ1 16 15 14 13 12 11 10 9 (Top view) A4 Σ3 Σ2 A3 Σ4 C4 C0 B1 A1 B3 B2 B4 A2 Σ1 |