Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV0680B Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STV0680B
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680B Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STV0680B Datasheet HTML 41Page - STMicroelectronics STV0680B Datasheet HTML 42Page - STMicroelectronics STV0680B Datasheet HTML 43Page - STMicroelectronics STV0680B Datasheet HTML 44Page - STMicroelectronics STV0680B Datasheet HTML 45Page - STMicroelectronics STV0680B Datasheet HTML 46Page - STMicroelectronics STV0680B Datasheet HTML 47Page - STMicroelectronics STV0680B Datasheet HTML 48Page - STMicroelectronics STV0680B Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
Version 3.4
45/63
STV0680B+ VV6410/6411/6500
STV0680B pinout information and package dimensions
Note: 1 GPIO are not ‘general purpose’, in the sense that their function is predetermined (e.g. GPIO0 =
MODE, GPIO2 is Unused), dependant on the STV0680B firmware.
2 Audio implementation is shown in an Applications Note available from ST.
3 Only with STV0680B-003. With STV0680B-001, tie low.
4 GPIO2, 4, 6, 7 MUST be tied low with STV0680B-003 where no Audio/Flashgun functionality is
required.
Key
SL
slew rate limited output
OD
open drain output
S
Schmidt input
A
Analogue input/output
T
5V tolerant pad (these pads do not have diode protection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63