| Moteur de recherche de fiches techniques de composants électroniques |
|
HVL355C Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HVL355C Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.3.00 Feb 06, 2006 page 1 of 4 HVL355C Variable Capacitance Diode for VCO REJ03G0178-0300 Rev.3.00 Feb 06, 2006 Features • High capacitance ratio. (n = 2.35 to 2.55) • Low series resistance. (rs = 0.60 Ω max) • Extremely small Flat Lead Package (EFP) is suitable for surface mount design. Ordering Information Type No. Laser Mark Package Name Package Code HVL355C B EFP PXSF0002ZA-A Pin Arrangement Cathode mark Mark 1. Cathode 2. Anode 12 |
Numéro de pièce similaire - HVL355C |
|
Description similaire - HVL355C |