| Moteur de recherche de fiches techniques de composants électroniques |
|
STV0056AF Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0056AF Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 27 page ![]() 63 64 2 28 23-24 5-7 62-3 63 64 2 28 Audio Video 2 Audio Video 2 Audio Video 2 5V TUNER 1 TUNER 2 I2C Bus S T V 0 0 5 6 A F S T V 0 0 5 6 A F TV SCART VCR SCART DECODER SCART 23-24 5-7 62-3 TWIN TUNER APPLICATION Easy parallel connection of the outputs to the scarts without any additional switching hardware. This configuration is possible due to the high impedance mode that can be selected for each audio and video outputs. STV0056AF 26/27 |