Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV0056A Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STV0056A
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056A Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STV0056A Datasheet HTML 18Page - STMicroelectronics STV0056A Datasheet HTML 19Page - STMicroelectronics STV0056A Datasheet HTML 20Page - STMicroelectronics STV0056A Datasheet HTML 21Page - STMicroelectronics STV0056A Datasheet HTML 22Page - STMicroelectronics STV0056A Datasheet HTML 23Page - STMicroelectronics STV0056A Datasheet HTML 24Page - STMicroelectronics STV0056A Datasheet HTML 25Page - STMicroelectronics STV0056A Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
PACKAGE MECHANICAL DATA
56 PINS - PLASTIC SHRINK DIP
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.08
0.200
A1
0.51
0.020
B
0.35
0.59
0.014
0.023
B1
0.75
1.42
0.030
0.056
C
0.20
0.36
0.008
0.014
D
52.12
2.052
D1
––––––
E
18.54
0.730
E1
13.72
0.540
K1
––––––
K2
––––––
L
2.54
3.81
.100
0.150
e1
1.78
0.070
Number of Pins
N56
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without noti ce. This publication supersedes and replaces all
information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life
support devices or systems without express written approval of SGS-THOMSON Microelectronics.
© 1996 SGS-THOMSON Microelectronics - All Rights Reserved
Purchase of I
2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips
I
2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
STV0056A
26/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26