| Moteur de recherche de fiches techniques de composants électroniques |
|
M37151MA Fiches technique(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37151MA Fiches technique(HTML) 21 Page - Renesas Technology Corp |
|
21 / 138 page ![]() M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP Rev.1.00 Nov 01, 2002 page 21 of 136 REJ03B0129-0100Z Fig. 8.3.6 Interrupt Input Polarity Register b7 b6 b5 b4 b3 b2 b1 b0 Interrupt input polarity register (RE) [Address 00DC 16] B Name Functions After reset R W Interrupt Input Polarity Register INT1 polarity switch bit (INT1) 0 0 0 0 : Positive polarity 1 : Negative polarity 0 1 0 : Positive polarity 1 : Negative polarity 2 3 to 7 INT2 polarity switch bit (INT2) INT3 polarity switch bit (INT3) Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” 0R W RW RW R— 0 : Positive polarity 1 : Negative polarity |