| Moteur de recherche de fiches techniques de composants électroniques |
|
4570 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4570 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 69 page ![]() 12 MITSUBISHI MICROCOMPUTERS 4570 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER DATA MEMORY (RAM) 1 word of RAM is composed of 4 bits, but 1-bit manipulation (with the SB j, RB j, and SZB j instructions) is enabled for the entire memory area. A RAM address is specified by a data pointer. The data pointer consists of registers Z, X, and Y. Set a value to the data pointer certainly when executing an instruction to access RAM. Table 2 shows the RAM size. Figure 12 shows the RAM map. Table 2 RAM size RAM size 128 words ! 4 bits (512 bits) Fig. 12 RAM map Product M34570Mx M34570Ex Register Z Register X 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0 0 1 7 RAM 128 words ! 4 bits (512 bits) 23 6 128 words ... |