| Moteur de recherche de fiches techniques de composants électroniques |
|
4501 Fiches technique(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4501 Fiches technique(HTML) 59 Page - Renesas Technology Corp |
|
59 / 116 page ![]() 4501 Group Rev.3.01 2005.02.07 page 59 of 112 REJ03B0104-0301 INDEX LIST OF INSTRUCTION FUNCTION (continued) Group- ing Function (Mj(DP)) ← 1 j = 0 to 3 (Mj(DP)) ← 0 j = 0 to 3 (Mj(DP)) = 0 ? j = 0 to 3 (A) = (M(DP)) ? (A) = n ? n = 0 to 15 (PCL) ← a6–a0 (PCH) ← p (Note) (PCL) ← a6–a0 (PCH) ← p (Note) (PCL) ← (DR2–DR0, A3–A0) (SP) ← (SP) + 1 (SK(SP)) ← (PC) (PCH) ← 2 (PCL) ← a6–a0 (SP) ← (SP) + 1 (SK(SP)) ← (PC) (PCH) ← p (Note) (PCL) ← a6–a0 (SP) ← (SP) + 1 (SK(SP)) ← (PC) (PCH) ← p (Note) (PCL) ← (DR2–DR0, A3–A0) (PC) ← (SK(SP)) (SP) ← (SP) – 1 (PC) ← (SK(SP)) (SP) ← (SP) – 1 (PC) ← (SK(SP)) (SP) ← (SP) – 1 Mnemonic SB j RB j SZB j SEAM SEA n B a BL p, a BLA p BM a BML p, a BMLA p RTI RT RTS Group- ing Page 73, 92 71, 92 76, 92 74, 92 74, 92 63, 94 63, 94 63, 94 64, 94 64, 94 64, 94 72, 94 72, 94 72, 94 Function (INTE) ← 0 (INTE) ← 1 V10 = 0: (EXF0) = 1 ? After skipping, (EXF0) ← 0 V10 = 1: SNZ0 = NOP I12 = 1 : (INT) = “H” ? I12 = 0 : (INT) = “L” ? (A) ← (V1) (V1) ← (A) (A) ← (V2) (V2) ← (A) (A) ← (I1) (I1) ← (A) (A) ← (W1) (W1) ← (A) (A) ← (W2) (W2) ← (A) (A) ← (W6) (W6) ← (A) (B) ← (T17–T14) (A) ← (T13–T10) (R17–R14) ← (B) (T17–T14) ← (B) (R13–R10) ← (A) (T13–T10) ← (A) (B) ← (T27–T24) (A) ← (T23–T20) (R27–R24) ← (B) (T27–T24) ← (B) (R23–R20) ← (A) (T23–T20) ← (A) Mnemonic DI EI SNZ0 SNZI0 TAV1 TV1A TAV2 TV2A TAI1 TI1A TAW1 TW1A TAW2 TW2A TAW6 TW6A TAB1 T1AB TAB2 T2AB Page 66, 96 66, 96 74, 96 75, 96 81, 96 87, 96 82, 96 87, 96 79, 96 84, 96 82, 96 87, 96 82, 96 88, 96 82, 96 88, 96 77, 96 77, 96 78, 96 77, 96 Note: p is 0 to 15 for M34501M2, p is 0 to 31 for M34501M4/E4. |