Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B77F2 Fiches technique(PDF) 19 Page - Renesas Technology Corp

No de pièce M38B77F2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B77F2 Fiches technique(HTML) 19 Page - Renesas Technology Corp

Back Button M38B77F2 Datasheet HTML 15Page - Renesas Technology Corp M38B77F2 Datasheet HTML 16Page - Renesas Technology Corp M38B77F2 Datasheet HTML 17Page - Renesas Technology Corp M38B77F2 Datasheet HTML 18Page - Renesas Technology Corp M38B77F2 Datasheet HTML 19Page - Renesas Technology Corp M38B77F2 Datasheet HTML 20Page - Renesas Technology Corp M38B77F2 Datasheet HTML 21Page - Renesas Technology Corp M38B77F2 Datasheet HTML 22Page - Renesas Technology Corp M38B77F2 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
18
Fig. 12 Port block diagram (2)
(8) Ports P74 to P76
Timer 1 output selection bit
Timer 3 output selection bit
Timer 6 output selection bit
(11) Port P81
Port P80
(10) Port P80
(9) Port P77
(13) Ports P91, P92
SOUT or SCLK
P92
(14) Port P93
(7) Port P73
INT3 interrupt input
(12) Port P83
CNTR0, CNTR2 input
Data bus
Port latch
Direction register
Dimmer output
control bit
Dimmer signal output
Pull-up control
Pull-up control
Data bus
Port latch
Direction register
Timer 1 output
Timer 3 output
Timer 6 output
Data bus
Port latch
Direction register
Buzzer control signal
Pull-up control
Buzzer signal output
INT4 interrupt input
Data bus
Port latch
Direction register
Pull-up control
Port Xc switch bit
Sub-clock generating circuit input
Port Xc switch bit
Data bus
Port latch
Direction register
Pull-up control
Port Xc switch bit
Oscillator
Data bus
Port latch
Direction register
Timer X operating mode bits
Timer X output
Pull-up control
SRDY3 output enable bit
Pull-up control
Data bus
Port latch
Direction register
Serial ready output
A-D conversion input
Analog input pin selection bits
Data bus
Port latch
Direction register
P-channel output disable signal (P91)
Output OFF control signal
Serial I/O3 selection signal
Pull-up control
Serial clock input
A-D conversion input
Analog input pin selection bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com