| Moteur de recherche de fiches techniques de composants électroniques |
|
HD404324FS Fiches technique(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404324FS Fiches technique(HTML) 64 Page - Renesas Technology Corp |
|
64 / 103 page ![]() HD404054 Series/HD404094 Series 62 Notes on Use When using the timer output as PWM output, note the following point. From the update of the timer write register until the occurrence of the overflow interrupt, the PWM output differs from the period and duty settings, as shown in table 24. The PWM output should therefore not be used until after the overflow interrupt following the update of the timer write register. After the overflow, the PWM output will have the set period and duty cycle. Table 24 PWM Output Following Update of Timer Write Register PWM Output Mode Timer Write Register is Updated during High PWM Output Timer Write Register is Updated during Low PWM Output Free running Timer write register updated to value N Interrupt request T × (255 – N) T × (N + 1) Timer write register updated to value N Interrupt request T × (N' + 1) T × (255 – N) T × (N + 1) Reload Timer write register updated to value N Interrupt request T T × (255 – N) T Timer write register updated to value N Interrupt request T T × (255 – N) T |