| Moteur de recherche de fiches techniques de composants électroniques |
|
HD404618FS Fiches technique(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404618FS Fiches technique(HTML) 15 Page - Renesas Technology Corp |
|
15 / 91 page ![]() HD404618 Series 13 Functional Description Registers and Flags The MCU has ten registers and two flags for CPU operations. They are illustrated in figure 6 and described below. 30 30 30 30 30 30 0 0 0 13 95 1 V B A W X Y SPX SPY CA ST PC SP 11 11 Accumulator B register V register W register X register Y register SPX register SPY register Carry flag Status flag Program counter Stack pointer 0 0 0 Figure 6 Registers and Flags Accumulator (A), B Register (B): Four-bit registers used to hold results from the arithmetic logic unit (ALU) and transfer data between memory, I/O, and other registers. |