Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD404082 Fiches technique(PDF) 21 Page - Renesas Technology Corp

No de pièce HD404082
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404082 Fiches technique(HTML) 21 Page - Renesas Technology Corp

Back Button HD404082 Datasheet HTML 17Page - Renesas Technology Corp HD404082 Datasheet HTML 18Page - Renesas Technology Corp HD404082 Datasheet HTML 19Page - Renesas Technology Corp HD404082 Datasheet HTML 20Page - Renesas Technology Corp HD404082 Datasheet HTML 21Page - Renesas Technology Corp HD404082 Datasheet HTML 22Page - Renesas Technology Corp HD404082 Datasheet HTML 23Page - Renesas Technology Corp HD404082 Datasheet HTML 24Page - Renesas Technology Corp HD404082 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 21 of 161
0
TOB
HD404389 Series
EVNB
TOC
SI/SO
AVcc
AN0
AN1
AN2
AN3
AN4
AN5
AVss
HMCS400 CPU
ROM
RAM
External interrupt
control circuit
8-bit timer A
8-bit timer B
8-bit timer C
8-bit synchronous
serial interface
A/D converter
10 bit
× 6 channels
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
R00
: Data bus
: Signal line
R70
R71
R72
R73
R10
R13
R20
R21
R22
P-MOS large current buffer
N-MOS large current buffer
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More